Part Number Hot Search : 
2SC2854 PC610 157M0 20100 38C43BM 9948A GJ1117A 2SK2212
Product Description
Full Text Search
 

To Download BY268GP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BY268GP THRU BY269GP
SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER
VOLTAGE:1400 TO 1600V CURRENT: 0.8A
FEATURE
High temperature metallurgically bonded construction Sintered glass cavity free junction Capability of meeting environmental standard of MIL-S-19500 High temperature soldering guaranteed 350C/10sec/0.375"lead length at 5 lbs tension Operate at Ta =55C with no thermal run away Typical Ir<0.2A
DO-41\DO-204AL
MECHANICAL DATA
Terminal: Plated axial leads solderable per MIL-STD 202E, method 208C Case: Molded with UL-94 Class V-0 recognized Flame Retardant Epoxy Polarity: color band denotes cathode Mounting position: any Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25C, unless otherwise stated)
SYMBOL Vrrm Vrms Vdc VRSM If(av) Ifsm Vf Ir(av) Ir Trr
at ERSM
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC blocking Voltage Non-Repetitive Peak Reverse Voltage Maximum Average Forward Rectified Current 3/8"lead length at Ta =55C Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load Maximum Forward Voltage at 0.4A and 25C Maximum full load reverse current full cycle Average at 55C Ambient Maximum DC Reverse Current Ta =25C at rated DC blocking voltage Ta =150C Maximum Reverse Recovery Time (Note 1)
Non Repetitive IBR(R)=0.4A Reverse Avalanche Energy
BY268GP 1400 980 1400 1600 0.8 20.0 1.25 100 5.0 100.0 400 10 5.0 65.0 -65 to +175
BY269GP 1600 1120 1600 1800
units V V V V A A V
A A A
nS mJ pF
Typical Junction Capacitance (Note 2) Typical Thermal Resistance (Note 3) Storage and Operating Junction Temperature
Note:
Cj Rth(ja) Tstg, Tj
C /W C
1. Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A 2. Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc 3. Thermal Resistance from Junction to Ambient at 3/8"lead length, P.C. Board Mounted
Rev.A1
www.gulfsemi.com
RATINGS AND CHARACTERISTIC CURVES BY268GP THRU BY269GP
1
1
Rev.A1
www.gulfsemi.com


▲Up To Search▲   

 
Price & Availability of BY268GP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X